Part Number Hot Search : 
IRU313 120F1 FDS8949 K6E08 0100M RT31402 78CN10 0T120
Product Description
Full Text Search
 

To Download LCD30-24D12W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lcd30w 1 www.pduke.com 2014/04/30 lcd30w series dc-dc converter 4:1 ultra wide input range up to 30watts features applications ? no minimum load required ? 1600vdc input to output isolation ? small size and low profile 1.0 x 1.0 x 0.39 inch ? six-sided continuous shield ? ul60950-1, en60950-1, & iec60950-1 safety approvals ? ce marked ? compliant to rohs ii & reach ? wireless network ? telecom/datacom ? industry control system ? distributed power architectures ? semiconductor equipment 1600vdc isolation remote control uvp ocp scp ovp otp low standby power technical specification all specifications are typical at nominal input, ful l load and 25 otherwise noted input range output voltage output current @full load input current @ no load efficiency maximum capacitor load (1) model number vdc vdc ma ma % f lcd30-24s3p3w 9 ~ 36 3.3 7000 10 88 10000 lcd30-24s05w 9 ~ 36 5 6000 10 89 7200 lcd30-24s12w 9 ~ 36 12 2500 10 89 1200 lcd30-24s15w 9 ~ 36 15 2000 10 89 1000 lcd30-24s24w 9 ~ 36 24 1250 10 90 375 LCD30-24D12W 9 ~ 36 12 1250 10 89 750 lcd30-24d15w 9 ~ 36 15 1000 10 91 500 lcd30-24d24w 9 ~ 36 24 625 12 91 180 lcd30-48s3p3w 18 ~ 75 3.3 7000 10 88 10000 lcd30-48s05w 18 ~ 75 5 6000 10 90 7200 lcd30-48s12w 18 ~ 75 12 2500 8 90 1200 lcd30-48s15w 18 ~ 75 15 2000 8 91 1000 lcd30-48s24w 18 ~ 75 24 1250 8 92 375 lcd30-48d12w 18 ~ 75 12 1250 8 91 750 lcd30-48d15w 18 ~ 75 15 1000 8 92 500 lcd30-48d24w 18 ~ 75 24 625 10 92 180 part number structure lcd30 - 48 s 05 w - a hs series name input voltage (vdc) output quantity output voltage (vdc) input range option assembly option s: single 3p3: 05: 12: 15: 15: 3.3 5 12 15 24 24: 48: 9~36 18~75 d: dual 12: 15: 24: 12 15 24 4:1    : a: b: c: d: e: negative logic remote on/off(standard) positive logic remote on/off without ctrl pin negative logic remote on/off without trim pin without ctrl & trim pin positive logic remote on/off without trim pin    : hs: hc: no assembly heat-sink heat-sink with clamp
lcd30w 2 www.pduke.com 2014/04/30 input specifications parameter conditions min. typ. max. unit operating input voltage range 24vin(nom) 48vin(nom) 9 18 24 48 36 75 vdc input reflected ripple current nominal input and fu ll load 30 map-p start-up voltage 24vin(nom) 48vin(nom) 9 18 vdc shutdown voltage 24vin(nom) 48vin(nom) 8 16 vdc start up time constant resistive load power up remote on/off 30 30 ms input surge voltage 1 second, max. 24vin(nom) 48vin(nom) 50 100 vdc input filter pi type positive logic (option) dc-dc on dc-dc off open or 3 ~ 15vdc short or 0 ~ 1.2vdc referred to ?vin pin negative logic (standard) dc-dc on dc-dc off short or 0 ~ 1.2vdc open or 3 ~ 15vdc remote on/off input current of ctrl pin -0.5 1.0 ma remote off input current 2.0 ma output specifications parameter conditions min. typ. max. unit voltage accuracy -1.0 +1.0 % line regulation low line to high line at full load single dual -0.2 -0.5 +0.2 +0.5 % no load to full load single dual load regulation 10% load to 90% load single dual -0.2 -1.0 -0.1 -0.8 +0.2 +1.0 +0.1 +0.8 % cross regulation asymmetrical load 25%/100% fl dual -5.0 +5.0 % voltage adjustability (2) single output 15vout,24vout others -10 -10 +20 +10 % ripple and noise measured by 20mhz bandwidth single with a 22 f/25v x7r mlcc 3.3vout, 5vout 75 with 2 pcs of 22 f/25v x7r mlcc 12vout, 15vout 75 with 2 pcs of 6.8 f/50v x7r mlcc 24vout 75 dual with a 10 f/25v x7r mlcc for each output 12vout, 15vout 60 with a 4.7 f/50v x7r mlcc for each output 24vout 75 mvp-p temperature coefficient -0.02 +0.02 %/ transient response recovery time 25% load step change 250 s over voltage protection 3.3vout 5vout 12vout 15vout 24vout 3.7 5.6 13.5 18.3 29.1 5.4 7.0 19.6 22.0 32.5 vdc over load protection % of iout rated; hiccup mode 170 % short circuit protection continuous, automatics recovery general specifications parameter conditions min. typ. max. unit isolation voltage 1 minute input to output input(output) to case 1600 1000 vdc isolation resistance 500vdc 1 g  isolation capacitance 1500 pf switching frequency 3.3vout, 5vout others 248 297 275 330 303 363 khz safety approvals ul60950-1 en60950-1 iec60950-1 case material copper base material fr4 pcb potting material silicone (ul94 v-0) weight 16.5g (0.58oz) mtbf mil-hdbk-217f, full load 1.259 x 10 6 hrs
lcd30w 3 www.pduke.com 2014/04/30 environmental specifications parameter conditions min. typ. max. unit operating ambient temperature without derating with derating -40 +50 +50 +100 maximum case temperature 105 over temperature protection 115 storage temperature range -55 +125 thermal impedance vertical direction by natural con vection (20lfm) without heat-sink with heat-sink 15.0 13.8 /w thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh emc specifications parameter conditions level emi (3) en55022 class a, class b esd en61000-4-2 air 8kv and contact 6kv perf. criteria a radiated immunity en61000-4-3 10 v/m perf. criteria a fast transient (4) en61000-4-4 2kv perf. criteria a surge (4) en61000-4-5 2kv perf. criteria a conducted immunity en61000-4-6 10 vr.m.s perf. criteria a note: 1. test by minimum input and constant resistive load. 2. trimming allows the user to increase or decrease th e output voltage set point of the module. this is a ccomplished by connecting an external resistor between the trim pin and either +vout pin or -vout pin. 3. the standard modules meet en55022 class a and class b with external components. for further informatio n, please contact with p-duke. 4. the external input components are required if the m odule has to meet en61000-4-4, en61000-4-5. the lcd30-24xxxw recommended an aluminum electrolyt ic capacitor (nippon chemi-con ky series, 220 f/100v) and a tvs (smdj58a, 58v, 3000watt peak pulse power) to connec t in parallel. the lcd30-48xxxw recommended an aluminum electrolyt ic capacitor (nippon chemi-con ky series, 220 f/100v). caution: this power module is not internally fused. an input line fuse must always be used. characteristic curve lcd30-48s05w derating curve lcd30-48s05w derating c urve with heat-sink lcd30-48s05w efficiency vs. input voltage lcd30-48s 05w efficiency vs. output load
lcd30w 4 www.pduke.com 2014/04/30 mechanical drawing pin connection external output trimming 1. all dimensions in inch (mm) 2. tolerance :x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 3. pin pitch tolerance 0.01 (0.25) 4. pin dimension tolerance 0.004(0.1) pin single dual 1 +vin +vin 2 -vin -vin 3 ctrl ctrl 4 +vout +vout 5 trim common 6 -vout -vout output can be externally trimmed by using the method shown below. 6 5 trim up r u 5 4 tr im down r d


▲Up To Search▲   

 
Price & Availability of LCD30-24D12W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X